Part Number Hot Search : 
1SAM7 68HC705 MN103 2SC460 2SC460 2SC30 L132XPG AP9936
Product Description
Full Text Search
 

To Download SKRGACD010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TACT SwitchTM
6.2mm Diameter Round Terminal (Radial Type)
SKRG Series
Round-terminal vertical type with excellent PC board mounting performance.
Detector Push Slide Rotary Encoders
Product Line
Power Dual-in-line Package Type TACT SwitchTM CustomProducts Product No. Operating Operating Travel force direction mm SKRGAAD010 SKRGABD010 SKRGACD010 SKRGADD010 SKRGAED010 SKRGAFD010 SKRGALD010 SKRGAMD010 SKRGAND010 SKRGAQD010 Sharp Feeling Soft Feeling Snap-in Type Surface Mount Type Radial Type
!!" !!"
Rating Rating Operating life max. min. 5mA 5V DC
500,000cycles
Initial contact resistance
Stem color
Black
Stem height
Minimum order unit pcs.
1.27N 1.57N 2.55N 1.27N 500,000cycles 1.57N 2.55N Vertical 1.27N 1.57N 2.55N 1.27N 500,000cycles 1.57N 2.55N 200,000cycles 200,000cycles 0.25 50mA 12V DC 10BA 1V DC 200,000cycles 500,000cycles 500m max. 200,000cycles
White h=4.3mm Gray Black White Gray 2,000 Black White Gray Black White h=9.5mm Gray h=7mm h=5mm
SKRGARD010 SKRGASD010
Specification of Radial Taping Package (Taping Packaging for Auto-insertion)
Box Size SKRGAA to AF
!#
Unit:mm
SKRGAL to AS
!#
Number of packages pcs. 1 box 1 case /Japan 1 case /export packing
2,000
20,000
20,000
"!
"&
Dimensions
Style
12.7 Stem
Unit:mm
PC board mounting hole dimensions Viewed from switch mounting face
h 4.3 5 7 9.5
18
o6.2 oA 1 2 o0.5
A 3.4 3.4 3.2 2.9
5
2 -o
1h
o le
s
3.6 h
9
18
5
o4
12.7
Circuit Diagram
1 2
Notes
1. Please use 1.6mm thick PC boards. 2. Please place purchase orders for taping products per minimum order unit (1 reel or a case).
Refer to P.306 for soldering conditions.
292
TACT SwitchTM
List of Varieties
Sharp Feeling Type
Series Detector Push Type Slide Features Rotary Encoders Power W Dual-in-line Package Type TACT SwitchTM H CustomProducts Operation force coverage 5N Ground terminal Operating temperature range Electrical performance Durability Insulation resistance Voltage proof Vibration Lifetime Cold Dry heat Damp heat Page
289 290 291 60 480 2 20 to 30 100M 70 to SKRV/QK 85 1.25 1.5 3.3 4 5 7.1 4.3 5 7.1 13 3.5 3.9 3.55 4.5 6.45 6.4 7.35 10 V6.2 6.6 6.85 7.5 7.3 V9 Low-profile Horizontal type Surface mount Horizontal type 4-direction switch switch push Round terminal type Radial Round terminal Water-proof Horizontal type
SKSC
SKRE
SKRT
SKRV
SKRH
SKQU
SKRG
SKQK
SKQN
SKRC
Photo
Dimensions mm
Operating direction
Vertical Horizontal
D
1N
See the relevant pages for respective product descriptions
Sharp Feeling Soft Feeling Snap-in Type Surface Mount Type Radial Type
min. 100V DC
250V AC for 1min. SKSC/RE/RV/RH : 100V AC for 1min. 10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies, in the 3 direction of X, Y and Z for 2hours respectively Shall be in accordance with individual specifications. 30 80 2 2 for 96h for 96h
Note
The automotive operating temperature range to be individually discussed upon request.
Environmental performance
, 90 to 95%RH for 96h 481 482 292 294 293 295
W Width. The most outer dimension excluding terminal portion. D Depth. The most outer dimension excluding terminal portion. H Height. The minimum dimension if there are variances.
250
TACT SwitchTM
Soldering Conditions
Condition for Reflow
Available for Surface Mount Type.
1. Heating method: Double heating method with infrared heater. 2. Temperature measurement: Thermocouple 0.1 to 0.2
Detector Push Slide Rotary Encoders Power
CA K or CC T at solder joints copper foil surface . A heat resistive tape
should be used to fix thermocouple. 3. Temperature profile
Temperature (C ) 260C max. 3 sec max. 180 150 Time 230C
Dual-in-line Package Type TACT SwitchTM
40s max. 3 to 4min.
CustomProducts
Time inside soldering equipment Note
1. The above temperature shall be measured on the mounting surface of a PC board. There are cases where the PC board's temperature greatly differs from that of the switch, depending on the material, size, thickness of PC boards and others. The above-stated conditions shall also apply to switch surface temperatures. 2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is highly recommended.
Sharp Feeling Soft Feeling Snap-in Type Surface Mount Type Radial Type
Conditions for Auto-dip
Available for Snap-in Type and Radial Type Except SKHJ, SKHL, SKQJ, SKQK, SKEG series Items Flux built-up Condition
Mounting surface should not be exposed to fluk Ambient temperature of the soldered surface of PC board. 100 max. 60s max. 260 max.
Manual Soldering Except SKRT Series
Items Soldering temperature Duration of soldering Capacity of soldering iron Condition
350 max.
3s max. 60W max.
Preheating temperature Preheating time Soldering temperature Duration of immersion Number of soldering
5s max. 2times max.
Notes
1. 2. 3. 4. 5. Consult with us for availability of TACT SwitchTM washing. Prevent flux penetration from the top side of the TACT SwitchTM. Switch terminals and a PC board should not be coated with flux prior to soldering. The second soldering should be done after the switch is stable with normal temperature. Use the flux with a specific gravity of min 0.81. EC-19S-8 by TAMURA Corporation, or equivalents.
306


▲Up To Search▲   

 
Price & Availability of SKRGACD010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X